Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG-T67K Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LG-T67K
Description  TOPLED®
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LG-T67K Datasheet(HTML) 5 Page - ams-OSRAM AG

  LG-T67K Datasheet HTML 1Page - ams-OSRAM AG LG-T67K Datasheet HTML 2Page - ams-OSRAM AG LG-T67K Datasheet HTML 3Page - ams-OSRAM AG LG-T67K Datasheet HTML 4Page - ams-OSRAM AG LG-T67K Datasheet HTML 5Page - ams-OSRAM AG LG-T67K Datasheet HTML 6Page - ams-OSRAM AG LG-T67K Datasheet HTML 7Page - ams-OSRAM AG LG-T67K Datasheet HTML 8Page - ams-OSRAM AG LG-T67K Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LG T67K
5 Version 1.4 | 2021-12-10
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 7)
I
F = 2 mA
I
F = 2 mA
I
F = 2 mA
min.
max.
typ.
I
v
I
v
Φ
V
H2
3.55 mcd
4.50 mcd
12.10 mlm
J1
4.50 mcd
5.60 mcd
15.10 mlm
J2
5.60 mcd
7.10 mcd
19.00 mlm
K1
7.10 mcd
9.00 mcd
24.20 mlm
K2
9.00 mcd
11.20 mcd
30.30 mlm
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 2 mA
I
F = 2 mA
min.
max.
λ
dom
λ
dom
2
566 nm
569 nm
3
569 nm
572 nm
4
572 nm
575 nm
Group Name on Label
Example: H2-2
Brightness
Wavelength
H2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com