Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

403C31LM Datasheet(PDF) 2 Page - CTS Corporation

Part # 403C31LM
Description  Surface Mount Quartz Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

403C31LM Datasheet(HTML) 2 Page - CTS Corporation

  403C31LM Datasheet HTML 1Page - CTS Corporation 403C31LM Datasheet HTML 2Page - CTS Corporation 403C31LM Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document No. 008-0288-0
Page 2 - 3
Rev. F
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model 403
3.2x2.5mm Low Cost
Surface Mount Crystal
ELECTRICAL CHARACTERISTICS
PARAMETER
VALUE
Operating Mode
Fundamental
Crystal Cut
AT-Cut
Frequency Range
12.0 MHz to 50.0 MHz
± 30 ppm Standard
(± 10 ppm, ± 15 ppm and ± 20 ppm Available)
Frequency Stability Tolerance
± 50 ppm Standard
(Operating Temperature Range, Referenced to 25°C Reading)
(± 10 ppm, ± 15 ppm, ± 20 ppm, ± 30 ppm and ± 40 ppm Available)
-20°C to +70°C Standard
(-40°C to +85°C Available)
Aging
± 3 ppm/year Maximum
Storage Temperature Range
-55°C to +125°C
Equivalent Series Resistance
See ESR Table
Load Capacitance or Resonance Mode
See Ordering Information
5.0 pF Maximum
(3.0 pF Typical)
Drive Level
10 µW Typical, 100 µW Maximum
Reflow Condition, per JEDEC J-STD-020
+255°C ± 5°C, 10 Seconds Maximum
Shunt Capacitance (C0)
Frequency Tolerance @ 25°C
Operating Temperature Range
EQUIVALENT SERIES RESISTANCE TABLE
FREQUENCY RANGE
MODE of OSCILLATION ESR Maximum
12.00 MHz - 13.999 MHz
Fundamental
150 Ohms
14.00 MHz - 15.999 MHz
Fundamental
100 Ohms
16.00 MHz - 19.999 MHz
Fundamental
80 Ohms
20.00 MHz - 50.00 MHz
Fundamental
60 Ohms
MECHANICAL SPECIFICATIONS
MARKING INFORMATION
1. XX.XX – Frequency marked with 2 significant
digits after the decimal.
2. C – CTS and Pin 1 identifier.
3. YWW – Date Code, Y – Last Digit of Year,
WW – Week.
4. Complete CTS part number, frequency value
and date code information must appear on reel
and box labels.
NOTES
1. Termination pads (e4), barrier-plating is nickel
(Ni) with gold (Au) flash plate.
2. Terminations #2, #4 and the metal lid are
connected internally. End user may connect
these pins to circuit ground.
SUGGESTED SOLDER PAD GEOMETRY
0.085 [2.15]
0.061 [1.55]
0.039 [1.00]
Key:
[mm]
Inch
0.035 [0.90]
12
3
4
PACKAGE DRAWING
( 0.7 )
0.028
#2
Bottom View
Top View
2
1
4
3
( 0.8 )
0.031
( 1.0 )
0.039
0.047
( 1.2 )
( 0.80 )
MAX
( 3.20 ±0.20 )
0.126 ±0.008
0.031
( 2.50 ±0.20 )
0.098 ±0.008
Key:
( MM )
Inch
#2
#3
#4
#1
XX.XX
CYWW



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com