Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1448 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD1448
Description  RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1448 Datasheet(HTML) 2 Page - STMicroelectronics

  SD1448 Datasheet HTML 1Page - STMicroelectronics SD1448 Datasheet HTML 2Page - STMicroelectronics SD1448 Datasheet HTML 3Page - STMicroelectronics SD1448 Datasheet HTML 4Page - STMicroelectronics SD1448 Datasheet HTML 5Page - STMicroelectronics SD1448 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditi ons
Value
Uni t
Min.
Typ.
Max.
POUT1
f
= 860 MHz
VCE
= 25 V
IC
= 850 mA
4.0
—
—
W
GP2
f
= 860 MHz
VCE
= 25 V
IC
= 850 mA
7.0
—
—
dB
IMD33
PSYNC
= 4W
VCE
= 25 V
IC
= 850 mA
—
—
−60
dBc
COB
f
= 1 MHz
VCB
= 25 V
—
—
20
pF
Note 1: PIN
= 0.8W
Note 2: POUT
= 4W
N ote 3: Levels relative t o PSYNC
= 4W
f1
= 860.0 MHz −8dBc
f2
= 863.5 MHz −16dBc
f3
= 864.5 MHz −7dBc
STATIC
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
BVCBO
IC
= 10mA
IE
= 0mA
45
—
—
V
BVCEO
IC
= 20mA
IB
= 0mA
25
—
—
V
BVEBO
IE
= 2.5mA
IC
= 0mA
3.0
—
—
V
ICBO
VCB
= 28V
IE
= 0mA
—
—
0.9
mA
hFE
VCE
= 20V
IC
= 500mA
10
—
—
—
DYNAMIC
SD1448 (TCC598)
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com