Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLNF-4T08-H Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # LLNF-4T08-H
Description  High Uniformity TIR Lenses for LZC Emitter Family
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LLNF-4T08-H Datasheet(HTML) 4 Page - ams-OSRAM AG

  LLNF-4T08-H Datasheet HTML 1Page - ams-OSRAM AG LLNF-4T08-H Datasheet HTML 2Page - ams-OSRAM AG LLNF-4T08-H Datasheet HTML 3Page - ams-OSRAM AG LLNF-4T08-H Datasheet HTML 4Page - ams-OSRAM AG LLNF-4T08-H Datasheet HTML 5Page - ams-OSRAM AG LLNF-4T08-H Datasheet HTML 6Page - ams-OSRAM AG LLNF-4T08-H Datasheet HTML 7Page - ams-OSRAM AG LLNF-4T08-H Datasheet HTML 8Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LLNF-4T08-H, LLFL-6T08-H, LLWF-6T08-H
COPYRIGHT © 2021 OSRAM OPTO SEMICONDUCTORS. ALL RIGHTS RESERVED.
LLNF-4T08-H, LLFL-6T08-H, LLWF-6T08-H (Rev 1.0
– 10/18/2021) p 4/8
General Characteristics
Table 2:
Symbol
Value
Rating
Unit
Mechanical
Height from Seating Plane
26,3
Typical
mm
Diameter
47,5
Typical
mm
Material
Lens
PMMA
Polymethyl methacrylate
-
-
Holder
PC
Polycarbonate
-
-
Optical
Transmission
[1] (>90%)
Λ
410-1100
Min-Max
nm
Environmental
Storage Temperature
Tstg
-40 ~ +110
Min-Max.
°C
Operating Temperature
Tsol
-40 ~ +110
Min-Max.
°C
Note for Table 2:
1.
It is not recommended to use a UV emitter with this lens due to lower transmission at wavelengths < 410nm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com