Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLNF-4T11-H Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # LLNF-4T11-H
Description  High Uniformity TIR Lenses for LZP Emitter Family
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LLNF-4T11-H Datasheet(HTML) 3 Page - ams-OSRAM AG

  LLNF-4T11-H Datasheet HTML 1Page - ams-OSRAM AG LLNF-4T11-H Datasheet HTML 2Page - ams-OSRAM AG LLNF-4T11-H Datasheet HTML 3Page - ams-OSRAM AG LLNF-4T11-H Datasheet HTML 4Page - ams-OSRAM AG LLNF-4T11-H Datasheet HTML 5Page - ams-OSRAM AG LLNF-4T11-H Datasheet HTML 6Page - ams-OSRAM AG LLNF-4T11-H Datasheet HTML 7Page - ams-OSRAM AG LLNF-4T11-H Datasheet HTML 8Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LLNF-4T11-H, LLFL-6T11-H, LLWF-6T11-H
COPYRIGHT © 2021 OSRAM OPTO SEMICONDUCTORS. ALL RIGHTS RESERVED.
LLNF-4T11-H, LLFL-6T11-H, LLWF-6T11-H (Rev 1.2
– 10/18/2021) p 3/8
Optical Specification
Table 1:
Lens Description Part number
Beam angle
[1]
FWHM
Field angle
[2]
Optical efficiency
[3]
On-axis intensity
[4]
(cd/lm)
Narrow Flood
LLNF-4T11-H
21°
49°
80%
2,8
Flood
LLFL-6T11-H
35°
69°
80%
1,5
Wide Flood
LLWF-6T11-H
47°
96°
75%
1,0
Notes for Table 1:
1.
Lenses can also be ordered without the holder. Replace
–H with –O for this option.
2.
Beam angle is defined as the full width at 50% of the max intensity (FWHM).
3.
Field angle is defined as the full width at 10% of the max intensity.
4.
Optical efficiency is defined as the ratio between the incoming flux and the outgoing flux.
5.
On-axis intensity is defined as the ratio between the total input lumen and the intensity in the optical center of the lens.
Typical Relative Intensity over Angle
– TIR Optics
Figure 1: Typical relative intensity over angle
LLNF-4T08-H
LLFL-6T08-H
LLWF-6T08-H
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Angular Displacement (Degrees)
LLNF-4T11-H
LLFL-6T11-H
LLWF-6T11-H



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com