Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO-A676 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # LO-A676
Description  SIDELED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LO-A676 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button LO-A676 Datasheet HTML 6Page - ams-OSRAM AG LO-A676 Datasheet HTML 7Page - ams-OSRAM AG LO-A676 Datasheet HTML 8Page - ams-OSRAM AG LO-A676 Datasheet HTML 9Page - ams-OSRAM AG LO-A676 Datasheet HTML 10Page - ams-OSRAM AG LO-A676 Datasheet HTML 11Page - ams-OSRAM AG LO-A676 Datasheet HTML 12Page - ams-OSRAM AG LO-A676 Datasheet HTML 13Page - ams-OSRAM AG LO-A676 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LO A676
10 Version 1.4 | 2019-07-22
Dimensional Drawing 9)
GPLY6880
(R1)
Cathode marking
Cathode
Anode
(2.4 (0.094))
0.9 (0.035)
1.1 (0.043)
spacing
2.54 (0.100)
(2.85 (0.112))
(1.4 (0.055))
3.8 (0.150)
4.2 (0.165)
A
C
Further Information
Approximate Weight:
67.0 mg
Package marking:
Cathode
Corrosion test:
Class: 3B
Test condition: 40°C / 90 % RH / 15 ppm H
2S / 14 days (stricter than IEC
60068-2-43)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com