Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO-A67B Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LO-A67B
Description  SIDELED®
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LO-A67B Datasheet(HTML) 5 Page - ams-OSRAM AG

  LO-A67B Datasheet HTML 1Page - ams-OSRAM AG LO-A67B Datasheet HTML 2Page - ams-OSRAM AG LO-A67B Datasheet HTML 3Page - ams-OSRAM AG LO-A67B Datasheet HTML 4Page - ams-OSRAM AG LO-A67B Datasheet HTML 5Page - ams-OSRAM AG LO-A67B Datasheet HTML 6Page - ams-OSRAM AG LO-A67B Datasheet HTML 7Page - ams-OSRAM AG LO-A67B Datasheet HTML 8Page - ams-OSRAM AG LO-A67B Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LO A67B
5 Version 1.2 | 2019-07-16
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 7)
I
F = 30 mA
I
F = 30 mA
I
F = 30 mA
min.
max.
typ.
I
v
I
v
Φ
V
T2
355 mcd
450 mcd
1210 mlm
U1
450 mcd
560 mcd
1520 mlm
U2
560 mcd
710 mcd
1910 mlm
V1
710 mcd
900 mcd
2420 mlm
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 30 mA
I
F = 30 mA
min.
max.
λ
dom
λ
dom
2
600 nm
603 nm
3
603 nm
606 nm
4
606 nm
609 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com