Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO-A67F Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # LO-A67F
Description  SIDELED®
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LO-A67F Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button LO-A67F Datasheet HTML 7Page - ams-OSRAM AG LO-A67F Datasheet HTML 8Page - ams-OSRAM AG LO-A67F Datasheet HTML 9Page - ams-OSRAM AG LO-A67F Datasheet HTML 10Page - ams-OSRAM AG LO-A67F Datasheet HTML 11Page - ams-OSRAM AG LO-A67F Datasheet HTML 12Page - ams-OSRAM AG LO-A67F Datasheet HTML 13Page - ams-OSRAM AG LO-A67F Datasheet HTML 14Page - ams-OSRAM AG LO-A67F Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LO A67F
DATASHEET
DATASHEET
11 | Version 1.9 | 2022-09-01
Max. Permissible Forward Current
I
F = f(T)
temp. ambient
temp. solder point
0
02040
A
S
T
T
˚C
60
80
100
T
IF
mA
S
T
OHL02705
TA
10
20
30
40
50
60
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TA = 25 °C
10
1
10
0
0.02
0.04
0.06
-5
-4
-3
-2
10
10
10
P
t
=
D T
P
t
T
IF
0.08
F
I
0.10
0.12
A
0.5
0.2
-1
012
10
tp
10 s10
=
0.02
0.01
0.005
0.05
OHL02703
0.1
D
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TA = 85 °C
10
1
10
0
0.02
0.04
0.06
-5
-4
-3
-2
10
10
10
P
t
=
D T
P
t
T
IF
0.08
F
I
0.10
0.12
A
0.5
0.2
-1
012
10
tp
10 s10
=
0.02
0.01
0.005
0.05
OHL02704
0.1
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com