Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO-E63B Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # LO-E63B
Description  Power TOPLED® Lens
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LO-E63B Datasheet(HTML) 2 Page - ams-OSRAM AG

  LO-E63B Datasheet HTML 1Page - ams-OSRAM AG LO-E63B Datasheet HTML 2Page - ams-OSRAM AG LO-E63B Datasheet HTML 3Page - ams-OSRAM AG LO-E63B Datasheet HTML 4Page - ams-OSRAM AG LO-E63B Datasheet HTML 5Page - ams-OSRAM AG LO-E63B Datasheet HTML 6Page - ams-OSRAM AG LO-E63B Datasheet HTML 7Page - ams-OSRAM AG LO-E63B Datasheet HTML 8Page - ams-OSRAM AG LO-E63B Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LO E63B
DATASHEET
DATASHEET
2 | Version 1.5 | 2022-09-01
Power TOPLED® Lens
LO E63B
Power TOPLED, a powerful member of the TOPLED family.
Thanks to their high luminous efficacy, the LEDs are ideal for
rear light clusters and indicators on vehicles and for display
panels for traffic control systems.
Applications
- Ambient Lighting
- Automotive Aftermarket
- Functional Illumination
Features
- Package: white PLCC-4 package, colorless clear resin
- Chip technology: InGaAlP
- Typ. Radiation: 30°
- Color: λ
dom = 606 nm (● orange)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com