Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO-E6SF Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LO-E6SF
Description  Power TOPLED®
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LO-E6SF Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LO-E6SF Datasheet HTML 2Page - ams-OSRAM AG LO-E6SF Datasheet HTML 3Page - ams-OSRAM AG LO-E6SF Datasheet HTML 4Page - ams-OSRAM AG LO-E6SF Datasheet HTML 5Page - ams-OSRAM AG LO-E6SF Datasheet HTML 6Page - ams-OSRAM AG LO-E6SF Datasheet HTML 7Page - ams-OSRAM AG LO-E6SF Datasheet HTML 8Page - ams-OSRAM AG LO-E6SF Datasheet HTML 9Page - ams-OSRAM AG LO-E6SF Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LO E6SF
DATASHEET
DATASHEET
6 | Version 1.4 | 2022-09-01
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 6)
I
F = 50 mA
I
F = 50 mA
I
F = 50 mA
min.
max.
typ.
I
v
I
v
Φ
V
AB
1400 mcd
1800 mcd
4800 mlm
BA
1800 mcd
2240 mcd
6060 mlm
BB
2240 mcd
2800 mcd
7560 mlm
CA
2800 mcd
3550 mcd
9530 mlm
CB
3550 mcd
4500 mcd
12080 mlm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 50 mA
I
F = 50 mA
min.
max.
V
F
V
F
3A
1.90 V
2.05 V
3B
2.05 V
2.20 V
4A
2.20 V
2.35 V
4B
2.35 V
2.50 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 50 mA
I
F = 50 mA
min.
max.
λ
dom
λ
dom
2
600 nm
603 nm
3
603 nm
606 nm
4
606 nm
609 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com