Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO-M670 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LO-M670
Description  Mini TOPLED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LO-M670 Datasheet(HTML) 5 Page - ams-OSRAM AG

  LO-M670 Datasheet HTML 1Page - ams-OSRAM AG LO-M670 Datasheet HTML 2Page - ams-OSRAM AG LO-M670 Datasheet HTML 3Page - ams-OSRAM AG LO-M670 Datasheet HTML 4Page - ams-OSRAM AG LO-M670 Datasheet HTML 5Page - ams-OSRAM AG LO-M670 Datasheet HTML 6Page - ams-OSRAM AG LO-M670 Datasheet HTML 7Page - ams-OSRAM AG LO-M670 Datasheet HTML 8Page - ams-OSRAM AG LO-M670 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LO M670
5 Version 1.3 | 2019-07-16
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 7)
I
F = 10 mA
I
F = 10 mA
I
F = 10 mA
min.
max.
typ.
I
v
I
v
Φ
V
H2
3.55 mcd
4.50 mcd
12.10 mlm
J1
4.50 mcd
5.60 mcd
15.10 mlm
J2
5.60 mcd
7.10 mcd
19.00 mlm
K1
7.10 mcd
9.00 mcd
24.20 mlm
K2
9.00 mcd
11.20 mcd
30.30 mlm
L1
11.20 mcd
14.00 mcd
37.80 mlm
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 10 mA
I
F = 10 mA
min.
max.
λ
dom
λ
dom
2
600 nm
603 nm
3
603 nm
606 nm
4
606 nm
609 nm
Group Name on Label
Example: H2-2
Brightness
Wavelength
H2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com