Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO M67F-U2AB-24 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LO M67F-U2AB-24
Description  Mini TOPLED®
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LO M67F-U2AB-24 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LO M67F-U2AB-24 Datasheet HTML 2Page - ams-OSRAM AG LO M67F-U2AB-24 Datasheet HTML 3Page - ams-OSRAM AG LO M67F-U2AB-24 Datasheet HTML 4Page - ams-OSRAM AG LO M67F-U2AB-24 Datasheet HTML 5Page - ams-OSRAM AG LO M67F-U2AB-24 Datasheet HTML 6Page - ams-OSRAM AG LO M67F-U2AB-24 Datasheet HTML 7Page - ams-OSRAM AG LO M67F-U2AB-24 Datasheet HTML 8Page - ams-OSRAM AG LO M67F-U2AB-24 Datasheet HTML 9Page - ams-OSRAM AG LO M67F-U2AB-24 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LO M67F
DATASHEET
DATASHEET
6 | Version 1.5 | 2022-09-01
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 7)
I
F = 20 mA
I
F = 20 mA
I
F = 20 mA
min.
max.
typ.
I
v
I
v
Φ
V
U2
560 mcd
710 mcd
1910 mlm
V1
710 mcd
900 mcd
2420 mlm
V2
900 mcd
1120 mcd
3030 mlm
AA
1120 mcd
1400 mcd
3780 mlm
AB
1400 mcd
1800 mcd
4800 mlm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 20 mA
I
F = 20 mA
min.
max.
V
F
V
F
G3
1.90 V
2.05 V
K3
2.05 V
2.20 V
N3
2.20 V
2.35 V
R3
2.35 V
2.50 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 20 mA
I
F = 20 mA
min.
max.
λ
dom
λ
dom
2
600 nm
603 nm
3
603 nm
606 nm
4
606 nm
609 nm
Group Name on Label
Example: AA-2-G3
Brightness
Wavelength
Forward Voltage
AA
2
G3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com