Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1449 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD1449
Description  RF & MICROWAVE TRANSISTORS UHF TVLINEAR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1449 Datasheet(HTML) 2 Page - STMicroelectronics

  SD1449 Datasheet HTML 1Page - STMicroelectronics SD1449 Datasheet HTML 2Page - STMicroelectronics SD1449 Datasheet HTML 3Page - STMicroelectronics SD1449 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
POUT1
f
= 860 MHz
VCE
= 20 V
IC
= 440 mA
1
W
PG2
f
= 860 MHz
VCE
= 20 V
IC
= 440 mA
10
dB
IMD33
PSYNC
= 1 W
VCE
= 20 V
IC
= 440 mA
−58
dBc
IMD33
PSYNC
= 2 W
VCE
= 20 V
IC
= 440 mA
−51
dBc
COB
f
= 1 MHzVCB = 20V
7
pF
Note 1: PIN
= 0.1W
Note 2: POUT
= 1 W
Note 3: Levels relative to PSYNC
f1
= 860.0 MHz 8dBc
f2
= 863.5 MHz 16dBc
f3
= 864.5 MHz 7dBc
STATIC
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
BVCBO
IC
= 2 mA
IE
= 0 mA
45
V
BVCER
IC
= 40 mA
RBE
= 10 Ω
50
V
BVCEO
IC
= 40 mA
IB
= 0 mA
24
V
BVEBO
IE
= .5 mA
IC
= 0 mA
3.5
V
ICBO
VCB
= 28 V
IE
= 0 mA
0.45
mA
hFE
VCE
= 5 V
IC
= 200 mA
20
120
DYNAMIC
TYPICAL PERFORMANCE
POWER OUTPUT vs INPUT POWER
BROADBAND POWER GAIN vs FREQUENCY
SD1449 (TCC597)
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com