Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP55NF06L Datasheet(PDF) 14 Page - STMicroelectronics

Part # STP55NF06L
Description  N-channel 60V - 0.014Ω - 55A TO-220/D2PAK/I2PAK STripFET??II Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP55NF06L Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STP55NF06L_06 Datasheet HTML 7Page - STMicroelectronics STP55NF06L_06 Datasheet HTML 8Page - STMicroelectronics STP55NF06L_06 Datasheet HTML 9Page - STMicroelectronics STP55NF06L_06 Datasheet HTML 10Page - STMicroelectronics STP55NF06L_06 Datasheet HTML 11Page - STMicroelectronics STP55NF06L_06 Datasheet HTML 12Page - STMicroelectronics STP55NF06L_06 Datasheet HTML 13Page - STMicroelectronics STP55NF06L_06 Datasheet HTML 14Page - STMicroelectronics STP55NF06L_06 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Revision history
STB55NF06L - STB55NF06L-1 - STP55NF06L
14/15
6
Revision history
Table 7.
Revision history
Date
Revision
Changes
09-Sep-2004
3
Complete document
27-Nov-2006
4
The document has been reformatted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com