Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1455 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD1455
Description  RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1455 Datasheet(HTML) 3 Page - STMicroelectronics

  SD1455 Datasheet HTML 1Page - STMicroelectronics SD1455 Datasheet HTML 2Page - STMicroelectronics SD1455 Datasheet HTML 3Page - STMicroelectronics SD1455 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ZCL
ZIN
IMPEDANCE DATA
FREQ.
ZIN (
Ω)ZCL (Ω)
150 MHz
1.0 + j 1.0
9.0 + j 5.0
250 MHz
1.0 + j 2.0
6.0 + j 6.0
VCE
= 28 V
IC
= 2.5 A
Normalized to 50 Ohms
TYPICAL PERFORMANCE (CONT’D)
THERMAL RESISTANCE vs CASE
TEMPERATURE
SAFE OPERAITNG AREA
SD1455
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com