Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB156-E Datasheet(PDF) 1 Page - VoltarisTech Inc

Part # DB156-E
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc

DB156-E Datasheet(HTML) 1 Page - VoltarisTech Inc

  DB156-E Datasheet HTML 1Page - VoltarisTech Inc DB156-E Datasheet HTML 2Page - VoltarisTech Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DB151-E THRU DB157-E
SINGLE PHASE GLASS
PASSIVATED BRIDGE RECTIFIER
VOLTAGE: 50 to 1000V
CURRENT:1.5A
FEATURE
DB
Glass passivated junction
Ideal for printed circuit board
Reliable low cost
construction
utilizing molded
plastic
technique
Surge overload rating:50 A peak
Halogen Free
MECHANICAL DATA
Terminal: Plated leads solderable per J-STD-002
Case:UL-94 Class V-0 recognized Halogen Free Epoxy
Polarity: Polarity symbol marked on body
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
C, unless otherwise stated)
SYMBOL
DB15
1-E
DB15
2-E
DB15
3-E
DB15
4-E
DB15
5-E
DB15
6-E
DB15
7-E
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current at
Ta =40
C
If(av)
1.5
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
Ifsm
50.0
A
Maximum Instantaneous Forward Voltage at rated
Forward Current
Vf
1.1
V
Maximum DC Reverse Current
Ta =25
C
at rated DC blocking voltage
Ta =125
C
Ir
10.0
500.0
A
Typical Thermal Resistance
(Note1)
Rth(ja)
Rth(jl)
40
15
C/W
Typical Junction Capacitance
(Note2)
Cj
25.0
pF
Storage and Operation Junction Temperature
Tstg, Tj
-55 to +150
C
Note:
1. Thermal resistance from Junction to Ambient and from Junction to Lead mounted on P.C.B. with 0.51×0.51
”(13×13mm) copper
pads
2. Measured at 1.0 MHz and applied voltage of 4.0 volt
Rev.A3, 30-Jun-16
www.gulfsemi.com
https://www.voltaristech.com/


Similar Part No. - DB156-E

ManufacturerPart #DatasheetDescription
logo
Surge Components
DB156 SURGE-DB156 Datasheet
75Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
Rectron Semiconductor
DB156 RECTRON-DB156 Datasheet
20Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Dc Components
DB156 DCCOM-DB156 Datasheet
377Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
DB156 FORMOSA-DB156 Datasheet
34Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
DB156 FORMOSA-DB156 Datasheet
62Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
More results

Similar Description - DB156-E

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A GE-GBU4A Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com