Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1737000000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1737000000
Description  KSPMH M20 SSC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1737000000 Datasheet(HTML) 4 Page - Weidmuller

  1737000000 Datasheet HTML 1Page - Weidmuller 1737000000 Datasheet HTML 2Page - Weidmuller 1737000000 Datasheet HTML 3Page - Weidmuller 1737000000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Data sheet
KSPMH M20 SSC
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Accessories
 
Brass lock nuts, nickel-plated
In addition to cable glands for a wide range of
applications, the product portfolio is rounded off by
plugs, pressure compensation elements, adaptors and
the corresponding accessories such as locknuts, sealing
rings, flat washers and earthing rings.
General ordering data
Type
SKMU M20 MS
Version
Order No.
1737000000
GTIN (EAN) 4008190956479
Qty.
100 ST
SKMU MS (brass locknut), Locknut, M 20, 3 mm, Brass, nickel-plated
Nylon flat gasket - KSWN
In addition to cable glands for a wide range of
applications, the product portfolio is rounded off by
plugs, pressure compensation elements, adaptors and
the corresponding accessories such as locknuts, sealing
rings, flat washers and earthing rings.
General ordering data
Type
KSWN M20
Version
Order No.
0930730002
GTIN (EAN) 4032248849802
Qty.
25 ST
KSWN (flat gasket - nylon), Sealing ring, M 20, Nylon 6
 
Creation date 26.02.2026 09:46:38 MEZ
 
Catalogue status / Drawings
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com