Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1459 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD1459
Description  RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1459 Datasheet(HTML) 4 Page - STMicroelectronics

  SD1459 Datasheet HTML 1Page - STMicroelectronics SD1459 Datasheet HTML 2Page - STMicroelectronics SD1459 Datasheet HTML 3Page - STMicroelectronics SD1459 Datasheet HTML 4Page - STMicroelectronics SD1459 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TEST CIRCUIT FOR 225 MHz
C1, C10
: 470 pF ATC 100 B Chip Capacitor
C2
: 4 - 40pF Arco 403 Trimmer Capacitor
C3
: 4 - 60pF Arco 404 Trimmer Capacitor
C4, C5
: 82pF ATC 100B Chip Capacitor
C6
: 24 - 200pF Arco 425 Trimmer Capacitor
C7
: 10 - 80pF Arco 405 Trimmer Capacitor
C8, C11
: 1
µF LCC Chip Capacitor
C9
: 100
µF 63V Electrolytic
C12
: 10mF LCC CPM13B
L1
: 1 1/2 Turns, 0.7mm Enameled Wire 4.5mm I.D.
L2
: 21mm 50
Ω Line
L3
: Length of the Base Lead
L4
: Enameled Wire 1.6mm Diameter
L5
: Enameled Wire 1.6mm Diameter
L6
: 9 Turns 0.7mm Enameled Wire 4.5mm 1.D.
Material:
Epoxy 63 Mils Er
= 2.55
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
ZCL
ZIN
IMPEDANCE DATA
ZIN
ZCL
FREQ.
ZIN (
Ω)ZCL (Ω)
170 MHz
0.6 + j 0.7
5.9 + j 3.5
200 MHz
0.55 + j 0.8
5.0 + j 3.0
230 MHz
0.5 + j 0.9
4.2 + j 2.8
SD1459
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com