Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4095 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC4095
Description  isc Silicon NPN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4095 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC4095 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4095 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4095 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc Silicon NPN Transistor
2SC4095
www.iscsemi.com
V1.0
2
ELECTRICAL CHARACTERISTICS(TC=25℃ unless otherwise specified)
hFE classification
B
C
D
90-130
120-180
170-250
PACKAGE OUTLINE
Dimensions in mm
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ICBO
Collector Cutoff Current
VCB=10V; IE= 0A
--
--
1.0
uA
IEBO
Emitter Cutoff Current
VEB= 1V; IC= 0A
--
--
1.0
uA
hFE
DC Current Gain
IC= 15mA ; VCE= 5V
90
--
250
--
fT
Transition Frequency
VCE=8V,IC=40mA,f=1GHz
--
9.0
--
GHz
Cre
Output Feedback Capacitance
VCB=8V,IE=0mA,f=1MHz
--
0.65
--
pF
|S21e|
Power Gain
VCE=8V,IC=40mA,f=0.9GHz
--
13
--
dB
NF
Noise Figure
VCE=10V,IC=10mA,f=0.9GHz
--
1.8
--
dB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com