Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1460 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD1460
Description  RF & MICROWAVE TRANSISTORS FM BROADCAST APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1460 Datasheet(HTML) 4 Page - STMicroelectronics

  SD1460 Datasheet HTML 1Page - STMicroelectronics SD1460 Datasheet HTML 2Page - STMicroelectronics SD1460 Datasheet HTML 3Page - STMicroelectronics SD1460 Datasheet HTML 4Page - STMicroelectronics SD1460 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
C1, C2,
C3, C9 : 24 - 200pF Variable, Arco 425
C4
: 470pF ATC 125 mil. Sq. Chip
C5
: 470pF Unelco, 400 mil. Sq.
C6
: 1000pF Unelco, 400 mil Sq.
C7
: 50 - 380pF Variable, Arco 465
C8
: 25 - 280pF Variable, Arco 464
C10
: .1
µF 50V, Erie Disc
C11
: .01
µF 50V, Erie Disc
C12
: 1000pF Unelco, 400 mil Sq.
C13
: 100
µF 35V, Sprague Electrolytic
L1
: 3 Turns, #16 AWG, .225” I.D.
L2
: #14 AWG, Length .335”, Height .400”
L5
: 5 1/2 Turns, #16 AWG Enameled .270” I.D.
L6
: #14 AWG, Length .300”, Height .335”
L7
: 3 Turns, #16 AWG, Length .300”, Height .335”
RFC 1 : VK200 19/4B (1 winding) Ferroxcube Choke
RFC 2 : 6 Turns, #16 AWG Enamel on T50-2 Torroid
Board Material: 3-M-K-6098 1/16” Thick
TEST CIRCUIT
SD1460
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com