Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP-A675 Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # LP-A675
Description  SIDELED®
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LP-A675 Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button LP-A675 Datasheet HTML 7Page - ams-OSRAM AG LP-A675 Datasheet HTML 8Page - ams-OSRAM AG LP-A675 Datasheet HTML 9Page - ams-OSRAM AG LP-A675 Datasheet HTML 10Page - ams-OSRAM AG LP-A675 Datasheet HTML 11Page - ams-OSRAM AG LP-A675 Datasheet HTML 12Page - ams-OSRAM AG LP-A675 Datasheet HTML 13Page - ams-OSRAM AG LP-A675 Datasheet HTML 14Page - ams-OSRAM AG LP-A675 Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LP A675
DATASHEET
DATASHEET
11 | Version 1.2 | 2022-09-01
Max. Permissible Forward Current
I
F = f(T)
OHL01056
0
0
20
40
60
80 ˚C 100
T
IF
temp. ambient
temp. solder point
A
S
T
T
A
T
S
T
10
20
30
40
50
60
mA
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TS = 25 °C
OHL00497
F
I
0
p
t
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
s
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.50
A
D
0.5
0.02
0.005
0.1
0.2
=
0.05
0.01
=
D
tP
T
T
P
t
IF
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TS = 85 °C
OHL00498
F
I
0
p
t
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
s
D
0.5
0.02
0.005
0.1
0.2
=
0.05
0.01
0.05
0.10
0.15
0.20
0.25
0.30
A
=
D
tP
T
T
P
t
IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com