Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP-E675 Datasheet(PDF) 18 Page - ams-OSRAM AG

Part # LP-E675
Description  Power TOPLED®
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LP-E675 Datasheet(HTML) 18 Page - ams-OSRAM AG

Back Button LP-E675 Datasheet HTML 14Page - ams-OSRAM AG LP-E675 Datasheet HTML 15Page - ams-OSRAM AG LP-E675 Datasheet HTML 16Page - ams-OSRAM AG LP-E675 Datasheet HTML 17Page - ams-OSRAM AG LP-E675 Datasheet HTML 18Page - ams-OSRAM AG LP-E675 Datasheet HTML 19Page - ams-OSRAM AG LP-E675 Datasheet HTML 20Page - ams-OSRAM AG LP-E675 Datasheet HTML 21Page - ams-OSRAM AG LP-E675 Datasheet HTML 22Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
LP E675
18 Version 1.2 | 2019-07-15
Chip Technology:
5: HOP 2000
B: HOP 2000
C: ATON
D: Low cost ThinGaN/ Thinfilm
(e.g. 6mil)
F: Thinfilm InGaAlP
G: ThinGaN(Thinfilm InGaN)
(Subcon:Sapphire)
´
Encapsulant Type / Lens Properties
7:
Colorless clear or white volume conversion
(resin encapsulation)
S:
Silicone (with or without diffuser)
3:
lens 30° … 70°
5:
lens 40° .. 80°
Wavelength
Emission Color
Color coordinates according
(λdom typ.)
CIE 1931/Emission color:
A:
617 nm
amber
W:
white
S:
633 nm
super red
UW: ultra white
T:
528 nm
true green
CW: warm white
Y:
587 nm
yellow
CB: color on demand blue
O:
606 nm
orange
CR: crystal pink
CP/P: 560 nm
pure green
R:
625 nm
red
B:
470 nm
blue
L:
Light
emitting
diode
Package Type
E:
PowerTOPLED
Lead / Package Properties
6:
folded leads
T:
folded leads, improved corrosion stability
(Au-LF), w/o TiO2 jetting
Type Designation System
L
A
E
6
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com