Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP-M67K Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LP-M67K
Description  Mini TOPLED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LP-M67K Datasheet(HTML) 5 Page - ams-OSRAM AG

  LP-M67K Datasheet HTML 1Page - ams-OSRAM AG LP-M67K Datasheet HTML 2Page - ams-OSRAM AG LP-M67K Datasheet HTML 3Page - ams-OSRAM AG LP-M67K Datasheet HTML 4Page - ams-OSRAM AG LP-M67K Datasheet HTML 5Page - ams-OSRAM AG LP-M67K Datasheet HTML 6Page - ams-OSRAM AG LP-M67K Datasheet HTML 7Page - ams-OSRAM AG LP-M67K Datasheet HTML 8Page - ams-OSRAM AG LP-M67K Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LP M67K
5 Version 1.4 | 2019-07-15
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 7)
I
F = 2 mA
I
F = 2 mA
I
F = 2 mA
min.
max.
typ.
I
v
I
v
Φ
V
D2
0.56 mcd
0.71 mcd
1.90 mlm
E1
0.71 mcd
0.90 mcd
2.40 mlm
E2
0.90 mcd
1.12 mcd
3.00 mlm
F1
1.12 mcd
1.40 mcd
3.80 mlm
F2
1.40 mcd
1.80 mcd
4.80 mlm
G1
1.80 mcd
2.24 mcd
6.10 mlm
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 2 mA
I
F = 2 mA
min.
max.
λ
dom
λ
dom
2
554 nm
557 nm
3
557 nm
560 nm
4
560 nm
563 nm
5
563 nm
566 nm
Group Name on Label
Example: D2-2
Brightness
Wavelength
D2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com