Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1463 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD1463
Description  RF & MICROWAVE TRANSISTORS VHF/UHF APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1463 Datasheet(HTML) 2 Page - STMicroelectronics

  SD1463 Datasheet HTML 1Page - STMicroelectronics SD1463 Datasheet HTML 2Page - STMicroelectronics SD1463 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symb ol
Test Co ndi ti ons
Val ue
Un it
Min.
Typ .
Max.
PIN
f
= 400 MHz
POUT
= 125 W
VCC
= 28 V
25
W
GP
f
= 400 MHz
POUT
= 125 W
VCC
= 28 V
7.0
dB
ηcf = 400 MHz
POUT
= 125 W
VCC
= 28 V
60
%
STATIC
Symb ol
Test Con ditio ns
Value
Uni t
Min.
T yp.
Max.
BVCBO
IC
= 100 mA
IE
= 0mA
60
V
BVCES
IC
= 80 mA
VBE
= 0 V
60
V
BVCEO
IC
= 50 mA
IB
= 0mA
30
V
BVEBO
IE
= 20 mA
IC
= 0 mA
4.0
V
ICBO
VCB
= 30 V
IE
= 0mA
10
mA
hFE
VCE
= 5V
IC
= 1 A
20
200
DYNAMIC
FREQ.
ZIN (
Ω)ZCL (Ω)
225 MHz
0.5 + j 2.5
8.8 + j 3.5
400 MHz
1.5 + j 1.7
5.0 + j 0.0
IMPEDANCE DATA
SD1463 (TCC0204-125)
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com