Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9010E Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # DM9010E
Description  Single Chip Ethernet Controller with General Processor Interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM9010E Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button DM9010E Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9010E Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9010E Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9010E Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9010E Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9010E Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9010E Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9010E Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9010E Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
21
Version: DM9010-DS-P03
Apr. 28, 2005
4
BKPA
HPS0,RW Back Pressure Mode
This mode is for half duplex mode only. It generates a jam pattern when any
packet comes and RX SRAM is over BPHW
3
BKPM
HPS0,RW Back Pressure Mode
This mode is for half duplex mode only. It generates a jam pattern when a packet’s
DA matches and RX SRAM is over BPHW
2
RXPS
HPS0,R/C RX Pause Packet Status, latch and read clearly
1
RXPCS
HPS0,RO
RX Pause Packet Current Status
0
FLCE
HPS0,RW Flow Control Enable
Set to enable the flow control mode (i.e. to disable TX function)
6.12 EEPROM & PHY Control Register ( 0BH )
Bit
Name
Default
Description
7:6
RESERVED
0,RO
Reserved
5
REEP
PH0,RW
Reload EEPROM. Driver needs to clear it up after the operation completes
4
WEP
PH0,RW
Write EEPROM Enable
3
EPOS
PH0,RW
EEPROM or PHY Operation Select
When reset, select EEPROM; when set, select PHY
2
ERPRR
PH0,RW
EEPROM Read or PHY Register Read Command. Driver needs to clear it up after
the operation completes.
1
ERPRW
PH0,RW
EEPROM Write or PHY Register Write Command. Driver needs to clear it up after
the operation completes.
0
ERRE
PH0,RO
EEPROM Access Status or PHY Access Status
When set, it indicates that the EEPROM or PHY access is in progress
6.13 EEPROM & PHY Address Register ( 0CH )
Bit
Name
Default
Description
7:6
PHY_ADR
PH01,RW PHY Address bit 1 and 0, the PHY address bit [4:2] is force to 0. Force to 01 if
internal PHY is selected
5:0
EROA
PH0,RW
EEPROM Word Address or PHY Register Address
6.14 EEPROM & PHY Data Register (EE_PHY_L:0DH
EE_PHY_H:0EH)
Bit
Name
Default
Description
7:0
EE_PHY_L
PH0,RW
EEPROM or PHY Low Byte Data
This data is made to write low byte of word address defined in Reg. CH to
EEPROM or PHY
7:0
EE_PHY_H
PH0,RW
EEPROM or PHY High Byte Data
This data is made to write high byte of word address defined in Reg. CH to
EEPROM or PHY
6.15 Wake Up Control Register ( 0FH )
Bit
Name
Type
Description
7:6
RESERVED
0,RO
Reserved
5
LINKEN
P0,RW
When set, it enables Link Status Change Wake up Event
This bit will not be affected after software reset
4
SAMPLEEN
P0,RW
When set, it enables Sample Frame Wake up Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com