Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9010EP Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # DM9010EP
Description  Single Chip Ethernet Controller with General Processor Interface
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM9010EP Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button DM9010EP Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9010EP Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
33
Version: DM9010-DS-P03
Apr. 28, 2005
1.6
MF preamble
suppression
1,RO
MII Frame Preamble Suppression
1 = PHY will accept management frames with preamble
suppressed
0 = PHY will not accept management frames with preamble
suppressed
1.5
Auto-negotiatio
n
Complete
0,RO
Auto-negotiation Complete
1 = Auto-negotiation process completed
0 = Auto-negotiation process not completed
1.4
Remote fault
0, RO/LH Remote Fault
1 = Remote fault condition detected (cleared on read or by a
chip reset). Fault criteria and detection method is DM9010
implementation specific. This bit will set after the RF bit in
the ANLPAR (bit 13, register address 05) is set
0 = No remote fault condition detected
1.3
Auto-negotiatio
n
ability
1,RO/P
Auto Configuration Ability
1 = DM9010 is able to perform auto-negotiation
0 = DM9010 is not able to perform auto-negotiation
1.2
Link status
0,RO/LL Link Status
1 = Valid link is established (for either 10Mbps or 100Mbps
operation)
0 = Link is not established
The link status bit is implemented with a latching function, so
that the occurrence of a link failure condition causes the link
status bit to be cleared and remain cleared until it is read via
the management interface
1.1
Jabber detect
0, RO/LH Jabber Detect
1 = Jabber condition detected
0 = No jabber
This bit is implemented with a latching function. Jabber
conditions will set this bit unless it is cleared by a read to this
register through a management interface or a DM9010 reset.
This bit works only in 10Mbps mode
1.0
Extended
capability
1,RO/P
Extended Capability
1 = Extended register capable
0 = Basic register capable only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com