Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6228Q Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6228Q
Description  DMOS driver for bipolar stepper motor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6228Q Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6228Q Datasheet HTML 9Page - STMicroelectronics L6228Q Datasheet HTML 10Page - STMicroelectronics L6228Q Datasheet HTML 11Page - STMicroelectronics L6228Q Datasheet HTML 12Page - STMicroelectronics L6228Q Datasheet HTML 13Page - STMicroelectronics L6228Q Datasheet HTML 14Page - STMicroelectronics L6228Q Datasheet HTML 15Page - STMicroelectronics L6228Q Datasheet HTML 16Page - STMicroelectronics L6228Q Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
L6228Q
Circuit description
13/32
4.3
PWM current control
The L6228Q includes a constant off time PWM current controller for each of the two bridges.
The current control circuit senses the bridge current by sensing the voltage drop across an
external sense resistor connected between the source of the two lower power MOS
transistors and ground, as shown in Figure 12. As the current in the motor builds up the
voltage across the sense resistor increases proportionally. When the voltage drop across
the sense resistor becomes greater than the voltage at the reference input (VREF
A or
VREF
B) the sense comparator triggers the monostable switching the bridge off. The power
MOS remain off for the time set by the monostable and the motor current recirculates as
defined by the selected decay mode, described in the next section. When the monostable
times out the bridge will again turn on. Since the internal dead time, used to prevent cross
conduction in the bridge, delays the turn on of the power MOS, the effective off time is the
sum of the monostable time plus the dead time.
Figure 12.
PWM current controller simplified schematic
Figure 13 shows the typical operating waveforms of the output current, the voltage drop
across the sensing resistor, the RC pin voltage and the status of the bridge. More details
regarding the Synchronous Rectification and the output stage configuration are included in
the next section.
Immediately after the Power MOS turns on, a high peak current flows through the sensing
resistor due to the reverse recovery of the freewheeling diodes. The L6228Q provides a 1
µs
Blanking Time t
BLANK that inhibits the comparator output so that this current spike cannot
prematurely re-trigger the monostable.
DRIVERS
+
DEAD TIME
S
Q
R
DRIVERS
+
DEAD TIME
2H
1H
2L
1L
OUT2A(or B)
SENSEA(or B)
RSENSE
D01IN1332
RCA(or B)
ROFF
COFF
VREFA(or B)
IOUT
OUT1A(or B)
+
+
-
-
1
µs
5mA
BLANKER
SENSE
COMPARATOR
COMPARATOR
OUTPUT
MONOSTABLE
SET
2.5V
5V
FROM THE
LOW-SIDE
GATE DRIVERS
2 PHASE
STEPPER MOTOR
BLANKING TIME
MONOSTABLE
VSA (or B)
TO GATE LOGIC
(0)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com