Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8349E Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MPC8349E
Description  PowerQUICC??II Pro Integrated Host Processor Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8349E Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MPC8349E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8349E Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8349E Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8349E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8349E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8349E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8349E Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8349E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8349E Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 88 page
background image
MPC8349E PowerQUICC™ II Pro Integrated Host Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
75
Thermal
TT = thermocouple temperature on top of package (°C)
Ψ
JT = junction-to-ambient thermal resistance (°C/W)
PD = power dissipation in the package (W)
The thermal characterization parameter is measured per the JESD51-2 specification using a 40 gauge type
T thermocouple epoxied to the top center of the package case. The thermocouple should be positioned so
that the thermocouple junction rests on the package. A small amount of epoxy is placed over the
thermocouple junction and over about 1 mm of wire extending from the junction. The thermocouple wire
is placed flat against the package case to avoid measurement errors caused by cooling effects of the
thermocouple wire.
20.2.4
Heat Sinks and Junction-to-Case Thermal Resistance
Some application environments require a heat sink to provide the necessary thermal management of the
device. When a heat sink is used, the thermal resistance is expressed as the sum of a junction-to-case
thermal resistance and a case-to-ambient thermal resistance:
RθJA = RθJC + RθCA
where:
RθJA = junction-to-ambient thermal resistance (°C/W)
RθJC = junction-to-case thermal resistance (°C/W)
RθCA = case-to-ambient thermal resistance (°C/W)
RθJC is device-related and cannot be influenced by the user. The user controls the thermal environment to
change the case-to-ambient thermal resistance, RθCA. For instance, the user can change the size of the heat
sink, the air flow around the device, the interface material, the mounting arrangement on printed-circuit
board, or change the thermal dissipation on the printed-circuit board surrounding the device.
The thermal performance of devices with heat sinks has been simulated with a few commercially available
heat sinks. The heat sink choice is determined by the application environment (temperature, air flow,
adjacent component power dissipation) and the physical space available. Because there is not a standard
application environment, a standard heat sink is not required.
Table 60 shows heat sink thermal resistance for TBGA of the MPC8349E.
Table 60. Heat Sink and Thermal Resistance of MPC8349E (TBGA)
Heat Sink Assuming Thermal Grease
Air Flow
35
× 35 mm TBGA
Thermal Resistance
AAVID 30
× 30 × 9.4 mm pin fin
Natural convection
10
AAVID 30
× 30 × 9.4 mm pin fin
1 m/s
6.5
AAVID 30
× 30 × 9.4 mm pin fin
2 m/s
5.6
AAVID 31
× 35 × 23 mm pin fin
Natural convection
8.4
AAVID 31
× 35 × 23 mm pin fin
1 m/s
4.7
AAVID 31
× 35 × 23 mm pin fin
2 m/s
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com