Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR-B6SP Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LR-B6SP
Description  Power SIDELED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LR-B6SP Datasheet(HTML) 1 Page - ams-OSRAM AG

  LR-B6SP Datasheet HTML 1Page - ams-OSRAM AG LR-B6SP Datasheet HTML 2Page - ams-OSRAM AG LR-B6SP Datasheet HTML 3Page - ams-OSRAM AG LR-B6SP Datasheet HTML 4Page - ams-OSRAM AG LR-B6SP Datasheet HTML 5Page - ams-OSRAM AG LR-B6SP Datasheet HTML 6Page - ams-OSRAM AG LR-B6SP Datasheet HTML 7Page - ams-OSRAM AG LR-B6SP Datasheet HTML 8Page - ams-OSRAM AG LR-B6SP Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LR B6SP
1 Version 1.4 | 2020-06-29
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LR B6SP
Power SIDELED®
Power SIDELED features a compact package with a
wide brightness range and high luminous efficiency.
—
Cluster, Button Backlighting
—
Signalling
Features:
—
Package: white PLCC-2 package, clear silicone resin
—
Chip technology: Thinfilm
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: λ
dom = 623 nm (● red)
—
Corrosion Robustness Class: 3B
—
Qualifications: AEC-Q102 Qualified
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)


Similar Part No. - LR-B6SP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LR-B6SP OSRAM-LR-B6SP Datasheet
675Kb / 21P
white PLCC-2 package, clear silicone resin
More results

Similar Description - LR-B6SP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYB6SP OSRAM-LYB6SP Datasheet
675Kb / 21P
Power SIDELED
LTA673 OSRAM-LTA673 Datasheet
588Kb / 21P
SIDELED
LTA67C OSRAM-LTA67C Datasheet
582Kb / 21P
SIDELED
SFH-325 OSRAM-SFH-325 Datasheet
401Kb / 15P
SIDELED
logo
ams AG
SFH4256 AMSCO-SFH4256 Datasheet
897Kb / 16P
SIDELED® High Power Infrared Emitter (850 nm)
Version 1.5 2020-08-26
LOA67B AMSCO-LOA67B Datasheet
1Mb / 23P
SIDELED®
Version 1.2 2019-07-16
LOA67F AMSCO-LOA67F Datasheet
1Mb / 23P
SIDELED® Ambient Lighting
Version 1.9 2022-09-01
LOA67K AMSCO-LOA67K Datasheet
1Mb / 23P
SIDELED® Ambient Lighting
Version 1.6 2022-09-01
LGA676 AMSCO-LGA676 Datasheet
1Mb / 21P
SIDELED®
Version 1.3 2019-07-16
LGA67K AMSCO-LGA67K Datasheet
1Mb / 24P
SIDELED®
Version 1.5 2022-08-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com