Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR-Q976-01 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # LR-Q976-01
Description  Chip LED 0603
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LR-Q976-01 Datasheet(HTML) 2 Page - ams-OSRAM AG

  LR-Q976-01 Datasheet HTML 1Page - ams-OSRAM AG LR-Q976-01 Datasheet HTML 2Page - ams-OSRAM AG LR-Q976-01 Datasheet HTML 3Page - ams-OSRAM AG LR-Q976-01 Datasheet HTML 4Page - ams-OSRAM AG LR-Q976-01 Datasheet HTML 5Page - ams-OSRAM AG LR-Q976-01 Datasheet HTML 6Page - ams-OSRAM AG LR-Q976-01 Datasheet HTML 7Page - ams-OSRAM AG LR-Q976-01 Datasheet HTML 8Page - ams-OSRAM AG LR-Q976-01 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LR Q976.01
DATASHEET
DATASHEET
2 | Version 1.3 | 2025-07-29
Chip LED 0603
LR Q976.01
The Chip LED 0603 is the product of choice for low power
status indication in electronics. The small package size allows
compact designs, like 7-segment displays, symbol backlighting
or button and switch illumination in control panels. The high
brightness of the LED ensures good visibility at any time.
Applications
- Appliances & Tools
- Display Backlighting
- Factory Automation
- Home & Building Automation
- Projection & Display
- Static Signaling
Features
- Package: SMT package 0603, clear epoxy
- Chip technology: Volume emitter (InGaAlP)
- Typ. Radiation: 150°
- Color: λ
dom = 623 nm (● red)
- Corrosion Robustness Class: 2B
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com