Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1480 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD1480
Description  RF & MICROWAVE TRANSISTORS VHF APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1480 Datasheet(HTML) 1 Page - STMicroelectronics

  SD1480 Datasheet HTML 1Page - STMicroelectronics SD1480 Datasheet HTML 2Page - STMicroelectronics SD1480 Datasheet HTML 3Page - STMicroelectronics SD1480 Datasheet HTML 4Page - STMicroelectronics SD1480 Datasheet HTML 5Page - STMicroelectronics SD1480 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VHF APPLICATIONS
RF & MICROWAVE TRANSISTORS
.500 6LFL (M111)
epoxy sealed
.
136 - 175 MHz
.
28 VOLTS
.
EFFICIENCY 55%
.
COMMON EMITTER
.
GOLD METALLIZATION
.
INTERNAL INPUT MATCHING
.
POUT
= 125 W MIN. WITH 9.2 dB GAIN
DESCRIPTION
The SD1480 is a common emitter 28 V Class C
epitaxial silicon NPN planar transistor designed
primarily for VHF communications applications.
This internally matched device incorporates dif-
fused emitter ballasting resistors nad provides high
gain and stable operation across the entire 136
- 175 MHz VHF communications band.
PIN CONNECTION
BRANDING
SD1480
ORDER CODE
SD1480
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
65
V
VCEO
Collector-Emitter Voltage
36
V
VCES
Collector-Emitter Voltage
65
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
20
A
PDISS
Power Dissipation
270
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
0.65
°C/W
SD1480
1. Collector
3. Emitter
2. Base
4. Emitter
THERMAL DATA
June 20, 1994
1/6


Similar Part No. - SD1480

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
SD1480 ASI-SD1480 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - SD1480

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1274 STMICROELECTRONICS-SD1274 Datasheet
57Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Jun-1993
SD1275 STMICROELECTRONICS-SD1275 Datasheet
56Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Jun-1993
SD1463 STMICROELECTRONICS-SD1463 Datasheet
36Kb / 3P
RF & MICROWAVE TRANSISTORS VHF/UHF APPLICATIONS
23-Aug-1996
SD1477 STMICROELECTRONICS-SD1477 Datasheet
64Kb / 6P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1329 ADPOW-MS1329 Datasheet
192Kb / 3P
RF & MICROWAVE TRANSISTORS VHF FM APPLICATIONS
MS1261 ADPOW-MS1261 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1506 ADPOW-MS1506 Datasheet
88Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
SD1014-06 ADPOW-SD1014-06 Datasheet
119Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1003 ADPOW-MS1003 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
SD1013-03 ADPOW-SD1013-03 Datasheet
113Kb / 3P
RF & MICROWAVE TRANSISTORS VHF APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com