Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR-T64F Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LR-T64F
Description  TOPLED™ Black
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LR-T64F Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LR-T64F Datasheet HTML 2Page - ams-OSRAM AG LR-T64F Datasheet HTML 3Page - ams-OSRAM AG LR-T64F Datasheet HTML 4Page - ams-OSRAM AG LR-T64F Datasheet HTML 5Page - ams-OSRAM AG LR-T64F Datasheet HTML 6Page - ams-OSRAM AG LR-T64F Datasheet HTML 7Page - ams-OSRAM AG LR-T64F Datasheet HTML 8Page - ams-OSRAM AG LR-T64F Datasheet HTML 9Page - ams-OSRAM AG LR-T64F Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LR T64F
DATASHEET
DATASHEET
6 | Version 1.9 | 2025-12-15
Brightness Groups
Group
Partial Flux 5)
Partial Flux 5)
Luminous Intensity 6)
I
F = 20 mA
I
F = 20 mA
I
F = 20 mA
min.
max.
typ.
E
v
E
v
I
v
CA
2800 lx
3550 lx
2600 mcd
CB
3550 lx
4500 lx
3300 mcd
DA
4500 lx
5600 lx
4140 mcd
DB
5600 lx
7100 lx
5200 mcd
Forward Voltage Groups
Group
Forward Voltage 3)
Forward Voltage 3)
I
F = 20 mA
I
F = 20 mA
min.
max.
V
F
V
F
3A
1.80 V
1.95 V
3B
1.95 V
2.10 V
4A
2.10 V
2.25 V
4B
2.25 V
2.40 V
Wavelength Groups
● red
Group
Dominant Wavelength 2)
Dominant Wavelength 2)
I
F = 20 mA
I
F = 20 mA
min.
max.
λ
dom
λ
dom
1
519 nm
531 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com