Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA540 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA540
Description  4 x 13 W dual/quad power amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA540 Datasheet HTML 13Page - STMicroelectronics STA540 Datasheet HTML 14Page - STMicroelectronics STA540 Datasheet HTML 15Page - STMicroelectronics STA540 Datasheet HTML 16Page - STMicroelectronics STA540 Datasheet HTML 17Page - STMicroelectronics STA540 Datasheet HTML 18Page - STMicroelectronics STA540 Datasheet HTML 19Page - STMicroelectronics STA540 Datasheet HTML 20Page - STMicroelectronics STA540 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
STA540
Practical information
17/23
6.7
Built–in protection
6.7.1
Diagnostic facilities (pin 10)
The STA540 is equipped with diagnostic circuitry that is able to detect the following events:
"
clipping of the output signal,
"
thermal shutdown,
"
output fault:
–
short circuit to GND,
–
short circuit to VS,
–
soft short circuit at turn-on.
The event is signalled when the open collector output of pin 10 begins to sink current.
6.7.2
Short-circuit protection
Reliable and safe operation in the presence of all kinds of output short circuit is assured by
the built-in protection. As well as the AC/DC short circuit to GND and to VS, and across the
speaker, there is a soft short-circuit condition, which is signalled on pin 10 (DIAGNOSTICD)
during the turn-on phase, to verify output circuit integrity in order to ensure correct amplifier
operation.
This particular kind of protection acts in such a way as to prevent the device being turned on
(via pin ST-BY) when a resistive path (that is a DC path) less than 16
Ω exists between the
output and GND. This would avoid loud speaker damage should, for example, the output
coupling capacitor develop an internal short circuit.
As mentioned previously, it is important to limit the external current driving pin ST-BY
to 5 mA. The reason is that the associated circuitry is normally disabled with currents
greater than 5 mA.
The soft short-circuit protection is particularly attractive when, in the single-ended
configuration, one capacitor is shared between two outputs (see Figure 23).
Figure 23.
Shared capacitor in single-ended configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com