Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71GL032NA0 Datasheet(PDF) 3 Page - SPANSION

Part # S71GL032NA0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GL032NA0 Datasheet(HTML) 3 Page - SPANSION

  S71GL032NA0 Datasheet HTML 1Page - SPANSION S71GL032NA0 Datasheet HTML 2Page - SPANSION S71GL032NA0 Datasheet HTML 3Page - SPANSION S71GL032NA0 Datasheet HTML 4Page - SPANSION S71GL032NA0 Datasheet HTML 5Page - SPANSION S71GL032NA0 Datasheet HTML 6Page - SPANSION S71GL032NA0 Datasheet HTML 7Page - SPANSION S71GL032NA0 Datasheet HTML 8Page - SPANSION S71GL032NA0 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
This document contains information on one or more products under development at Spansion Inc. The information is intended to help you evaluate this product. Do not design in
this product without contacting the factory. Spansion Inc. reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S71GL-N_00
Revision 03
Issue Date March 25, 2008
Distinctive Characteristics
MCP Features
Power supply voltage of 2.7 to 3.1 volt
High performance
– 90 ns access time (90 ns Flash, 70 ns pSRAM/SRAM)
– 25 ns page read times
Packages
– 7 x 9 x 1.2 mm 56 ball FBGA (TLC056)
Operating Temperature
– –25°C to +85°C
General Description
The S71GL-N product series consists of S29GL-N Flash memory with pSRAM combinations defined as:
For detailed specifications, please refer to the individual data sheets.
S71GL-N Based MCPs
Stacked Multi-Chip Product (MCP)
Flash Memory and RAM
64/32 Megabit (4/2 M x 16-bit) CMOS 3.0 Volt-only
Page Mode Flash Memory and
32/16/8/4 Megabit (2M/1M/512k/256k x 16-bit) Pseudo Static RAM
Data Sheet (Advance Information)
Flash Memory Density
32 Mb
64 Mb
pSRAM Density
4 Mb
S71GL032N40
8 Mb
S71GL032N80
16 Mb
S71GL032NA0
S71GL064NA0
32 Mb
S71GL064NB0
Document
Publication Identification Number (PID)
S29GL-N
S29GL-N_00
4 Mb pSRAM Type 9
pSRAM_33
8 Mb pSRAM Type 9
pSRAM_34
16 Mb pSRAM Type 7
pSRAM_13
32 Mb pSRAM Type 8
pSRAM_31



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com