Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESL1C-R Datasheet(PDF) 1 Page - VoltarisTech Inc

Part # ESL1C-R
Description  SURFACE MOUNT ULTRAFAST GLASS PASSIVATED JUNCTION RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc

ESL1C-R Datasheet(HTML) 1 Page - VoltarisTech Inc

  ESL1C-R Datasheet HTML 1Page - VoltarisTech Inc ESL1C-R Datasheet HTML 2Page - VoltarisTech Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ESL1A-R THRU ESL1J-R
SURFACE MOUNT
ULTRAFAST GLASS PASSIVATED
JUNCTION RECTIFIER
VOLTAGE: 50 to 600V
CURRENT: 1.0A
FEATURE
SMF
Ideal for surface mount pick and place application
Low profile package
Built-in strain relief
High temperature soldering guaranteed
260℃/10sec/at terminals
Glass passivated chip
Ultrafast recovery time for high efficiency
MECHANICAL DATA
Terminal: Solder plated, solderable per J-STD-002
Case: Molded with UL-94 class V-0 recognized Flame
Retardant Epoxy
Polarity: color band denotes cathode
Marking: E1A~E1J
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25℃, unless otherwise stated)
Symbol
ESL1
A-R
ESL1
B-R
ESL1
C-R
ESL1
D-R
ESL1
F-R
ESL1
G-R
ESL1
J-R
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
150
200
300
400
600
V
Maximum RMS Voltage
Vrms
35
70
105
140
210
280
420
V
Maximum DC blocking Voltage
Vdc
50
100
150
200
300
400
600
V
Maximum Average Forward Rectified Current
3/8″lead length at TL =110℃
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single half
sine- wave superimposed on rated load
Ifsm
30
A
Maximum
Forward
Voltage
at
rated
forward
current
Vf
0.95
1.0
1.25
1.7
V
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =125℃
Ir
5.0
300
μ A
Maximum Reverse Recovery Time
(Note1 )
Trr
25
35
nS
Typical Junction Capacitance
(Note 2)
Cj
9.0
pF
Typical Thermal Resistance (Note 3)
Rth(jl)
Rth(ja)
Rth(jc)
21
62
22
℃/W
Storage and Operating Junction Temperature
Tstg, Tj
-50 to +150
℃
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to terminal mounted on 3×3mm copper pad area
Rev.A2, 7-Sep-18
www.gulfsemi.com
https://www.voltaristech.com/


Similar Part No. - ESL1C-R

ManufacturerPart #DatasheetDescription
logo
VoltarisTech Inc
ESL1C-E-R VOLTARISTECH-ESL1C-E-R Datasheet
430Kb / 2P
SURFACE MOUNT ULTRAFAST GLASS PASSIVATED JUNCTION RECTIFIER
Rev.A3
More results

Similar Description - ESL1C-R

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GF10A ZOWIE-GF10A Datasheet
63Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
UGF15A ZOWIE-UGF15A Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGF20A ZOWIE-UGF20A Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGF30A ZOWIE-UGF30A Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
logo
General Semiconductor
GF1A GE-GF1A Datasheet
90Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Zowie Technology Corpor...
BYD187Z ZOWIE-BYD187Z Datasheet
98Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
BYD127Z ZOWIE-BYD127Z Datasheet
95Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
SUGC10DH ZOWIE-SUGC10DH Datasheet
70Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGC20DH ZOWIE-UGC20DH Datasheet
67Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
logo
First Silicon Co., Ltd
EGL1A FS-EGL1A Datasheet
189Kb / 3P
Surface Mount Glass Passivated Junction UltraFast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com