Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7563BH Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7563BH
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics feature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563BH Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7563BH Datasheet HTML 9Page - STMicroelectronics TDA7563BH Datasheet HTML 10Page - STMicroelectronics TDA7563BH Datasheet HTML 11Page - STMicroelectronics TDA7563BH Datasheet HTML 12Page - STMicroelectronics TDA7563BH Datasheet HTML 13Page - STMicroelectronics TDA7563BH Datasheet HTML 14Page - STMicroelectronics TDA7563BH Datasheet HTML 15Page - STMicroelectronics TDA7563BH Datasheet HTML 16Page - STMicroelectronics TDA7563BH Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
TDA7563B
Electrical specifications
13/33
Figure 15. Power dissipation and efficiency vs.
output power (4
Ω, STD, SINE)
Figure 16. Power dissipation and efficiency vs.
output power (4W, HI-EFF, SINE)
Figure 17. Power dissipation vs. average ouput
power (audio program simulation,
4
Ω)
Figure 18. Power dissipation vs. average ouput
power (audio program simulation,
2
Ω)
0
2
4
6
8 1012 141618 2022 2426 2830
Po (W)
0
10
20
30
40
50
60
70
80
90
Ptot (W)
0
10
20
30
40
50
60
70
80
90
n (%)
Ptot
STANDARD MODE
Vs = 14.4 V
RL = 4 x 4 Ohm
f = 1 KHz SINE
n
Po (W)
0.1
1
10
0
10
20
30
40
50
60
70
80
90
Ptot (W)
0
10
20
30
40
50
60
70
80
90
n (%)
n
Ptot
HI-EFF MODE
Vs = 14.4 V
RL = 4 x 4 Ohm
f = 1 KHz SINE
0
1234
5
Po (W)
0
5
10
15
20
25
30
35
40
45
Ptot (W)
Vs = 14 V
RL = 4 x 4 Ohm
GAUSSIAN NOISE
STD MODE
HI-EFF MODE
CLIP
START
01
2
3
45
6
7
8
9
Po (W )
0
10
20
30
40
50
60
70
80
90
Ptot (W)
Vs = 14 V
RL = 4 x 2 Ohm
GAUSSIAN NOISE
STD MODE
HI-EFF MODE
CLIP
START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com