Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR35AP Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BFR35AP
Description  Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BFR35AP Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BFR35AP Datasheet HTML 1Page - Inchange Semiconductor Company Limited BFR35AP Datasheet HTML 2Page - Inchange Semiconductor Company Limited BFR35AP Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon NPN Power Transistor
BFR35AP
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP MAX
UNIT
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 1uA, IB= 0
20
--
--
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 1mA, IB= 0
12
--
--
V
ICBO
Collector Cutoff Current
VCB= 10V,IE=0
--
--
0.1
uA
IEBO
Emitter Cutoff Current
VEB=1V,IC=0
--
--
0.1
uA
hFE
DC Current Gain
IC= 20mA, VCE= 10V
120
--
180
--
fT
Transition Frequency
VCE=10V,IC=20mA
--
7
--
GHz
Cre
feedback capacitance
VCB=10V,IE=0,f=1MHz
--
0.65
--
pF
|S21e|2
Power Gain
VCE=10V,IC=20mA,f=1GHz
--
11.5
--
dB
NF
Noise Figure
VCE=10V,IC=7mA,f=1GHz
--
1.3
--
dB
PACKAGE OUTLINE (UNIT: MM):
PRODUCT DISCLAIMER
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.
ISC products are intended for usage in general electronic equipment. The products are not designed for



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com