Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR520 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BFR520
Description  Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BFR520 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BFR520 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BFR520 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BFR520 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon NPN Power Transistor
BFR520
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP MAX
UNIT
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 1mA, IE= 0
20
--
--
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 1mA, IB= 0
12
--
--
V
ICBO
Collector Cutoff Current
VCB= 10V,IE=0
--
--
0.1
uA
IEBO
Emitter Cutoff Current
VEB=1V,IC=0
--
--
0.1
uA
hFE
DC Current Gain
IC= 20mA, VCE= 6V
90
--
250
--
fT
Transition Frequency
VCE=6V,IC=20mA,f=1GHz
--
8
--
GHz
Cre
Reverse Transfer Capacitance
VCB=10V,IE=0mA,f=1MHz
--
0.65
--
pF
|S21e|2
Insertion Power Gain
VCE=6V,IC=20mA,f=0.9GHz
--
12
--
dB
NF
Noise Figure
VCE=6V,IC=5mA,f=0.9GHz
--
1.6
--
dB
PACKAGE OUTLINE (UNIT: MM):
PRODUCT DISCLAIMER
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.
ISC products are intended for usage in general electronic equipment. The products are not designed for
use in equipment which require specialized quality and/or reliability, or in equipment which could have



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com