Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUS13A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUS13A
Description  isc Silicon NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUS13A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUS13A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUS13A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
isc Silicon NPN Transistor
BUS13A
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS
(TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC = 10mA, IB = 0A
450
--
--
V
ICEO
Collector Cutoff Current
VCE = 450V, IE = 0A
--
--
1.0
mA
IEBO
Emitter Cutoff Current
VEB = 9V, IC = 0A
--
--
10
mA
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 8A, IB = 1.6A
--
--
1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 8A, IB = 1.6A
--
--
1.6
V
PRODUCT DISCLAIMER
ISC reserves the right to make changes to the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.
ISC products are intended for use in general electronic equipment. The products are not designed for
use in equipment which require specialized quality and/or reliability, or in equipment which could have
applications in hazardous environments, the aerospace industry, or the medical field. Please contact us
if you intend our products to be used in these special applications.
ISC makes no warranty or guarantee regarding the suitability of its products for any particular purpose.
Nor does ISC assume any liability arising from the application or use of any products, and specifically
disclaims any and all liability, including without limitation special, consequential, or incidental damages.
It is strictly prohibited to reprint or copy part or all of this datasheet without permission from ISC.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com