Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1490 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SD1490
Description  RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1490 Datasheet(HTML) 5 Page - STMicroelectronics

  SD1490 Datasheet HTML 1Page - STMicroelectronics SD1490 Datasheet HTML 2Page - STMicroelectronics SD1490 Datasheet HTML 3Page - STMicroelectronics SD1490 Datasheet HTML 4Page - STMicroelectronics SD1490 Datasheet HTML 5Page - STMicroelectronics SD1490 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TEST CIRCUIT
C1
: 1.5pF ATC 100A
C2, C’2
: 100pF ATC 100A
C3, C12
: .5 - 4.5pF Airtronic Adjustable
C4, C5
: 2.7pF ATC 100A
C6
: 10pF ATC 100A
C7
: 18pF ATC 100A
C8
: 6.8pF ATC 100A
C9
: 1.5pF ATC 100A + 1.8pF ATC 100A
C10, C’10 : 100pF ATC 100A
C11, C’11 : 120pF ATC 100A
Cd1
: 100pF ATC 100A
Cd2
: 47pF AATC 100B + 1000pF ATC 100B
Cd3
: 500
µF 25V
Cd4
: 100pF ATC 100A
Cd5
: 22
µF 35V
Cd6
: 1000pF ATC 100B
Cd7
: 47
µF 63V
L
: Coaxial Cable Zo
= 50Ω Length λ/4 at 680 MHz
L1
: Printed Transmission Line Zo
= 25Ω Length 12mm
L2
: Printed Transmission Line Zo
= 25Ω Length 12mm
L3
: Printed Transmission Line Zo
= 25Ω Length 10mm
L4
: Printed Transmission Line Zo
= 25Ω Length 9mm
L5
: Printed Transmission Line Zo
= 25Ω Length 5.5mm
L6
: Printed Transmission Line Zo
= 25Ω Length 6mm
L7
: Printed Transmission Line Zo
= 25Ω Length 14.5mm
L8
: Printed Transmission Line Zo
= 25Ω Length 10mm
L9
: Printed Transmission Line Zo
= 25Ω Length 7mm
R1
: 150
Ω 1/4 W
R2
: 51
Ω 1/4 W
S1, S’1 : 10 Turns of .35mm Wire on 2mm Diameter
S2
: 9 Turns of .35mm Wire on R1
S3
: 2 Turns of .8mm Wire on 4mm Diater
S4
: 5 Turns of .8mm Wire on R2
Board:
Er
= 2.55, .020” Thick
TEST CIRCUIT LAYOUT
SD1490
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com