Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1492 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SD1492
Description  RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1492 Datasheet(HTML) 6 Page - STMicroelectronics

  SD1492 Datasheet HTML 1Page - STMicroelectronics SD1492 Datasheet HTML 2Page - STMicroelectronics SD1492 Datasheet HTML 3Page - STMicroelectronics SD1492 Datasheet HTML 4Page - STMicroelectronics SD1492 Datasheet HTML 5Page - STMicroelectronics SD1492 Datasheet HTML 6Page - STMicroelectronics SD1492 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
C15
: 10nF + 100nF + 10
µF
C16
: 10nF
C17
: 1
µF
C18
: 1.2nF + 27nF + 10
µF
D1
: AAY 49 Ge Diode Thermally Connected with Q3 heatsink
D2
: 1N 400S - Si Diode Thermally Connected with Q3 heatsink
D3
: 1n 400S - Si Diode Thenmally Connected with SD1492 (RF Transistors) Flange
L6, L9 : Ferrite Choice
Q
: Box 63B
R6
: 100
Trimpot
R7
: 470
, 1/2W
BIAS VOLTAGE SOURCE
SD1492
6/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com