Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA591 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA591
Description  OPAx591 85V, Precision (1μV/°C), Low-Power (450μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA591 Datasheet(HTML) 2 Page - Texas Instruments

  OPA591 Datasheet HTML 1Page - Texas Instruments OPA591 Datasheet HTML 2Page - Texas Instruments OPA591 Datasheet HTML 3Page - Texas Instruments OPA591 Datasheet HTML 4Page - Texas Instruments OPA591 Datasheet HTML 5Page - Texas Instruments OPA591 Datasheet HTML 6Page - Texas Instruments OPA591 Datasheet HTML 7Page - Texas Instruments OPA591 Datasheet HTML 8Page - Texas Instruments OPA591 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings .............................................................. 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information for OPA591................................ 5
5.5 Thermal Information OPA2591................................... 5
5.6 Electrical Characteristics.............................................6
5.7 Typical Characteristics................................................ 8
6 Detailed Description......................................................16
6.1 Overview................................................................... 16
6.2 Functional Block Diagram......................................... 16
6.3 Feature Description...................................................17
6.4 Device Functional Modes..........................................20
7 Application and Implementation.................................. 21
7.1 Application Information............................................. 21
7.2 Typical Applications.................................................. 21
7.3 Power Supply Recommendations.............................25
7.4 Layout....................................................................... 25
8 Device and Documentation Support............................29
8.1 Receiving Notification of Documentation Updates....29
8.2 Support Resources................................................... 29
8.3 Trademarks...............................................................29
8.4 Electrostatic Discharge Caution................................29
8.5 Glossary....................................................................29
9 Revision History............................................................ 29
10 Mechanical, Packaging, and Orderable
Information.................................................................... 29
OPA591, OPA2591
SBOSA47A – FEBRUARY 2026 – REVISED SEPTEMBER 2026
www.ti.com
2
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: OPA591 OPA2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com