Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-A676 Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # LS-A676
Description  SIDELED®
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LS-A676 Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button LS-A676 Datasheet HTML 8Page - ams-OSRAM AG LS-A676 Datasheet HTML 9Page - ams-OSRAM AG LS-A676 Datasheet HTML 10Page - ams-OSRAM AG LS-A676 Datasheet HTML 11Page - ams-OSRAM AG LS-A676 Datasheet HTML 12Page - ams-OSRAM AG LS-A676 Datasheet HTML 13Page - ams-OSRAM AG LS-A676 Datasheet HTML 14Page - ams-OSRAM AG LS-A676 Datasheet HTML 15Page - ams-OSRAM AG LS-A676 Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LS A676
DATASHEET
DATASHEET
12 | Version 1.3 | 2022-09-21
Forward current 7)
I
F = f(VF); TS = 25 °C
OHL00232
10-1
1.4
1.8
2.2
2.6
3 V 3.4
0
10
1
10
102
5
5
mA
5
1
F
V
F
I
Forward current 7)
I
F = f(VF); TS = 25 °C
LS A676
1.42.1
1.61.8
2.0
VF /V
1
5
10
15
20
25
30
IF /mA
Relative Luminous Intensity 7), 8)
I
v/Iv(20 mA) = f(IF); TS = 25 °C
I
OHL10233
F
V (20 mA)
I
IV
0
10
1
10
102
mA
1
10
-2
10
100
10-1
super-red
yellow
orange/amber
Relative Luminous Intensity 7), 8)
I
v/Iv(20 mA) = f(IF); TS = 25 °C
LS A676
IF /mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IV
IV(20mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com