Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-A67K Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # LS-A67K
Description  SIDELED®
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LS-A67K Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button LS-A67K Datasheet HTML 9Page - ams-OSRAM AG LS-A67K Datasheet HTML 10Page - ams-OSRAM AG LS-A67K Datasheet HTML 11Page - ams-OSRAM AG LS-A67K Datasheet HTML 12Page - ams-OSRAM AG LS-A67K Datasheet HTML 13Page - ams-OSRAM AG LS-A67K Datasheet HTML 14Page - ams-OSRAM AG LS-A67K Datasheet HTML 15Page - ams-OSRAM AG LS-A67K Datasheet HTML 16Page - ams-OSRAM AG LS-A67K Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
LS A67K
DATASHEET
DATASHEET
13 | Version 1.5 | 2022-09-21
Max. Permissible Forward Current
I
F = f(T)
OHL01429
0
IF
T
0
mA
20
40
60
80 ˚C 100
5
10
15
20
25
TA
TS
A
T temp. ambient
S
T temp. solder point
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TS = 25 °C
=
0.01
0.005
0.05
0.1
0.02
0.5
0.2
10
10
0
-2
-3
-4
-5
10
10
10
1
F
I
A
D
P
t
=
D T
2
1
0
-1 10
tp
10 s10
OHL02442
T
tP
IF
0.02
0.04
0.06
0.08
0.10
0.12
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TS = 85 °C
=
0.01
0.005
0.05
0.1
0.02
0.5
0.2
10
10
0
-2
-3
-4
-5
10
10
10
1
F
I
A
D
P
t
=
D T
2
1
0
-1 10
tp
10 s10
OHL02442
T
tP
IF
0.02
0.04
0.06
0.08
0.10
0.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com