Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-E65F Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LS-E65F
Description  Power TOPLED® Lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LS-E65F Datasheet(HTML) 1 Page - ams-OSRAM AG

  LS-E65F Datasheet HTML 1Page - ams-OSRAM AG LS-E65F Datasheet HTML 2Page - ams-OSRAM AG LS-E65F Datasheet HTML 3Page - ams-OSRAM AG LS-E65F Datasheet HTML 4Page - ams-OSRAM AG LS-E65F Datasheet HTML 5Page - ams-OSRAM AG LS-E65F Datasheet HTML 6Page - ams-OSRAM AG LS-E65F Datasheet HTML 7Page - ams-OSRAM AG LS-E65F Datasheet HTML 8Page - ams-OSRAM AG LS-E65F Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LS E65F
1 Version 1.8 | 2021-06-15
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LS E65F
Power TOPLED® Lens
PowerTOPLED with lens, a powerful member of
the TOPLED family. Thanks to their high luminous
efficacy, the LEDs are ideal for rear light clusters
and indicators on vehicles and for display panels for
traffic control systems.
—
—
Interior Illumination (e.g. Ambient Map)
—
—
Signalling
—
—
Traffic Lights
Features:
—
—
Package: white PLCC-4 package, colorless clear resin
—
—
Chip technology: Thinfilm
—
—
Typ. Radiation: 60°
—
—
Color: λ
dom = 633 nm (● super red)
—
—
Corrosion Robustness Class: 3B
—
—
Qualifications: AEC-Q102 Qualified
—
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)


Similar Part No. - LS-E65F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-E65F OSRAM-LS-E65F Datasheet
344Kb / 19P
white P-LCC-4 package, colorless clear resin
More results

Similar Description - LS-E65F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LA-E65F-CBEA-24 OSRAM-LA-E65F-CBEA-24 Datasheet
546Kb / 21P
Power TOPLED Lens
LS-E63B-BBCB-1-1-Z OSRAM-LS-E63B-BBCB-1-1-Z Datasheet
479Kb / 20P
Power TOPLED Lens
LYE63F OSRAM-LYE63F Datasheet
594Kb / 22P
Power TOPLED Lens
LAE65F OSRAM-LAE65F_17 Datasheet
576Kb / 21P
Power TOPLED Lens
LAE65FP OSRAM-LAE65FP Datasheet
569Kb / 21P
Power TOPLED Lens
LTE63C OSRAM-LTE63C Datasheet
647Kb / 22P
Power TOPLED Lens
LAE63F OSRAM-LAE63F_16 Datasheet
405Kb / 22P
Power TOPLED Lens
LAE65B OSRAM-LAE65B Datasheet
532Kb / 20P
Power TOPLED Lens
LAE65F-DUALBINNING OSRAM-LAE65F-DUALBINNING Datasheet
611Kb / 21P
Power TOPLED Lens
logo
ams AG
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com