Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-M670 Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # LS-M670
Description  Mini TOPLED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LS-M670 Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button LS-M670 Datasheet HTML 13Page - ams-OSRAM AG LS-M670 Datasheet HTML 14Page - ams-OSRAM AG LS-M670 Datasheet HTML 15Page - ams-OSRAM AG LS-M670 Datasheet HTML 16Page - ams-OSRAM AG LS-M670 Datasheet HTML 17Page - ams-OSRAM AG LS-M670 Datasheet HTML 18Page - ams-OSRAM AG LS-M670 Datasheet HTML 19Page - ams-OSRAM AG LS-M670 Datasheet HTML 20Page - ams-OSRAM AG LS-M670 Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LS M670
17 Version 1.3 | 2019-07-15
Chip Technology:
3:
standard InGaN
5:
HOP 2000
6:
Standard InGalP
B:
HOP 2000
C:
ATON
F:
Thinfilm InGaAlP
G:
ThinGaN (Thinfilm InGaN)
(Subcon: Sapphire)
K:
InGaAlP low current
S:
standard InGaN low current
1:
individual definition
0:
TSN
Encapsulant Type / Lens Properties
7:
Colorless clear or white volume conversion
(resin encapsulation)
S:
Silicone (with or without diffuser)
Wavelength
Emission Color
Color coordinates according
(λdom typ.)
CIE 1931/Emission color:
B:
470 nm
blue
W:
white
S:
633 nm
super red
CW: warm white
T:
528 nm
true green
CB:
color on demand blue
Y:
587 nm
yellow
CG:
color on demand green
O:
606 nm
orange
CL:
color on demand lagune
G:
570 nm
green
P:
560 nm
pure green
A:
617 nm
amber
D:
460 nm
deep blue
L:
Light
emitting
diode
Package Type
M:
MiniTOPLED
Lead / Package Properties
4: through hole
6: folded leads
T: folded leads, improved corrosion stability
(Au-LF), w/o TiO2 jetting
V: folded leads and UX:3 w/ improved corrosion
stability (Au-LF), TiO2 jetting
Type Designation System
L
A
M
6
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com