Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-M67F-01 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # LS-M67F-01
Description  Mini TOPLED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LS-M67F-01 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button LS-M67F-01 Datasheet HTML 6Page - ams-OSRAM AG LS-M67F-01 Datasheet HTML 7Page - ams-OSRAM AG LS-M67F-01 Datasheet HTML 8Page - ams-OSRAM AG LS-M67F-01 Datasheet HTML 9Page - ams-OSRAM AG LS-M67F-01 Datasheet HTML 10Page - ams-OSRAM AG LS-M67F-01 Datasheet HTML 11Page - ams-OSRAM AG LS-M67F-01 Datasheet HTML 12Page - ams-OSRAM AG LS-M67F-01 Datasheet HTML 13Page - ams-OSRAM AG LS-M67F-01 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LS M67F.01
DATASHEET
DATASHEET
10 | Version 1.1 | 2023-06-22
Forward Voltage 6)
ΔV
F = VF - VF(25 °C) = f(Tj); IF = 20 mA
LS M67F.01
-40-20
020406080 100 120
Tj /°C
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
∆VF /V
Relative Luminous Intensity 6)
I
v/Iv(25 °C) = f(Tj); IF = 20 mA
LS M67F.01
-40-20
020406080 100 120
Tj /°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Iv
Iv(25°C)
Dominant Wavelength 6)
λ
dom = f(Tj); IF = 20 mA
LS M67F.01
-40-20
020406080 100 120
Tj /°C
-10
-5
0
5
10
∆λ dom /nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com