Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4L20U Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # D4L20U
Description  Super Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

D4L20U Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  D4L20U Datasheet HTML 1Page - Inchange Semiconductor Company Limited D4L20U Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Super Fast Recovery Rectifiers
D4L20U
www.iscsemi.com
1
FEATURES
· Low noise
· Short reverse recovery time
· Fully isolated molding
APPLICATIONS
· Switching power supplies
· Free-wheeling diodes for inductive loads
· Office and home appliances
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak repetitive Reverse voltage
200
V
IO
Average Forward Rectified Current
TC=130℃,50Hz,sine wave
4
A
IFSM
Peak Forward Surge Current
50Hz,sine wave,Non-repetitive 1cycle peak value
60
A
TJ
Junction temperature
150
℃
Tstg
storage temperature
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance, junction-to-case
4.5
℃
/W
ELECTRICAL CHARACTERISTICS(TJ = 25°C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VF
Forward voltage
IF= 4A,
Pulse measurement
--
0.98
V
IR
Reverse leakage current
VR = Rated VR
Pulse measurement
--
10
uA


Similar Part No. - D4L20U

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D4L20U SHINDENGEN-D4L20U Datasheet
432Kb / 7P
Super Fast Recovery Rectifiers (200V 4A)
More results

Similar Description - D4L20U

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMR2S-02 CENTRAL-CMR2S-02_15 Datasheet
298Kb / 2P
SUPER FAST RECOVERY RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
ES3A-SMB YFWDIODE-ES3A-SMB Datasheet
91Kb / 2P
Super Fast recovery rectifiers
ES3A-SMC YFWDIODE-ES3A-SMC Datasheet
101Kb / 2P
Super Fast recovery rectifiers
logo
Formosa MS
SF5A05F FORMOSA-SF5A05F Datasheet
92Kb / 6P
Super Fast Recovery Rectifiers
SF8A05F FORMOSA-SF8A05F Datasheet
92Kb / 6P
Super Fast Recovery Rectifiers
SF1605CT FORMOSA-SF1605CT Datasheet
101Kb / 6P
Super Fast Recovery Rectifiers
logo
HY ELECTRONIC CORP.
SF801 HY-SF801_V01 Datasheet
415Kb / 3P
Super Fast Recovery Rectifiers
SF1601 HY-SF1601_V01 Datasheet
417Kb / 3P
Super Fast Recovery Rectifiers
logo
Dongguan City Niuhang E...
MUR460EB NIUHANG-MUR460EB Datasheet
489Kb / 3P
SUPER FAST RECOVERY RECTIFIERS
SF1602CT NIUHANG-SF1602CT Datasheet
423Kb / 3P
SUPER FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com