Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT651 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # FZT651
Description  Silicon NPN RF Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FZT651 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  FZT651 Datasheet HTML 1Page - Inchange Semiconductor Company Limited FZT651 Datasheet HTML 2Page - Inchange Semiconductor Company Limited FZT651 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon NPN RF Power Transistor
FZT651
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
BVCBO
Collector-base breakdown voltage
IC=100μA,IE= 0
80
--
--
V
BVCEO
Collector-emitter breakdown voltage
IC=1mA,IB= 0
60
--
--
V
BVEBO
Emitter-base breakdown voltage
IE=100μA,IC= 0
5
--
--
V
ICBO
Collector Cutoff Current
VCB= 60V; IE= 0
--
--
0.1
μA
IEBO
Emitter Cutoff Current
VEB= 4V; IC= 0
--
--
0.1
μA
hFE
DC Current Gain
IC= 50mA ; VCE= 2V
70
--
--
--
IC= 0.5A ; VCE= 2V
100
--
300
--
IC= 1A ; VCE= 2V
80
--
--
--
IC= 2A ; VCE= 2V
40
--
--
--
VCE(sat)
Collector-emitter saturation voltage
IC= 1A; IB= 100mA
--
--
0.3
V
IC= 3A; IB= 300mA
--
--
0.6
V
VBE(sat)
Base-emitter saturation voltage
IC= 1A; IB= 100mA
--
--
1.25
V
VBE(on)
Base-emitter turn-on voltage
VCE= 2V; IC= 1A
--
--
1.0
V
fT
Current-Gain-Bandwidth Product
IC= 100mA ; VCE= 5V
140
--
--
MHz
Cob
Output capacitance
IE= 0, VCB = 10V, f= 1MHz
--
--
30
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com