Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FESP06G Datasheet(PDF) 1 Page - VoltarisTech Inc

Part # FESP06G
Description  Ultra fast Plastic Power Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc

FESP06G Datasheet(HTML) 1 Page - VoltarisTech Inc

  FESP06G Datasheet HTML 1Page - VoltarisTech Inc FESP06G Datasheet HTML 2Page - VoltarisTech Inc FESP06G Datasheet HTML 3Page - VoltarisTech Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FESP06G
Ultra fast Plastic Power Rectifiers
VOLTAGE: 400V
CURRENT: 6.0A
FEATURE
ITO-220AC
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Ideally suited for use in very high frequency switching
power supplies, inverters and as free wheeling diodes
• Ultra fast recovery time for high efficiency
• Excellent high temperature switching
• Glass passivated junction
•High voltage and high reliability
• High speed switching
• Low forward voltage
MECHANICAL DATA
Case: JEDEC ITO-220AC molded plastic body over
passivated chip
Terminals: Plated Insert leads, solderable per
MIL-STD-750, Method 2026
Mounting Position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
FESP06G
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
400
V
Maximum RMS Voltage
Vrms
280
V
Maximum DC blocking Voltage
Vdc
400
V
Maximum Average Forward Rectified
at Tc =100
°C
If(av)
6.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
60
A
Maximum Forward Voltage at rated Forward
Current at 6A
Vf
1.4
V
Maximum Reverse Recovery Time
(Note 1)
Trr
50
nS
Typical thermal resistance junction to case
RθJc
7.0
°C/W
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =125
°C
Ir
10
100
μA
μA
Storage and Operating Temperature Range
Tstg, Tj
-55 to +150
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A


Similar Part No. - FESP06G

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FESP06G GULFSEMI-FESP06G Datasheet
83Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 6.0A
More results

Similar Description - FESP06G

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
URAF0530 MOSPEC-URAF0530 Datasheet
198Kb / 2P
Switchmode Full Plastic Ultra-fast Power Rectifiers
URAF1530 MOSPEC-URAF1530 Datasheet
193Kb / 2P
Switchmode Full Plastic Ultra-fast Power Rectifiers
logo
Gulf Semiconductor
UGRP16D GULFSEMI-UGRP16D Datasheet
186Kb / 2P
Ultra fast Plastic Power Rectifiers
logo
Cystech Electonics Corp...
MUR440 CYSTEKEC-MUR440 Datasheet
271Kb / 3P
Ultra-fast Plastic Rectifiers
MURS140 CYSTEKEC-MURS140 Datasheet
290Kb / 6P
Ultra-fast Plastic Rectifiers
logo
Rugao Dachang Electroni...
EG01Z DACHANG-EG01Z_15 Datasheet
121Kb / 2P
Plastic Ultra-Fast Recover Rectifiers
logo
Mospec Semiconductor
UFF30C60 MOSPEC-UFF30C60 Datasheet
207Kb / 2P
Full Plastic Single Ultra-fast Power Rectifiers
UFF08A60 MOSPEC-UFF08A60 Datasheet
193Kb / 2P
Full Plastic Single Ultra-fast Power Rectifiers
UFF15A60 MOSPEC-UFF15A60 Datasheet
204Kb / 2P
Full Plastic Single Ultra-fast Power Rectifiers
UFF16C60 MOSPEC-UFF16C60 Datasheet
201Kb / 2P
Full Plastic Single Ultra-fast Power Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com